|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER INDUCTORS Type: CDH28D14 Product Description 3.0x3.0mm Max.(LxW), 1.5mm Max. Height. Inductance range: 2.222H. Rated current range: 0.381.33A. Custom design is available. Feature Magnetically unshielded construction. Ideally used in Mobilephone,PDA,MP3,DSC/DVC,HDD,etc as DC-DC Converter inductors. RoHS Compliance Dimensions (mm) Land Pattern (mm) Specification Part Name CDH28D14NP-2R2M CDH28D14NP-4R7M CDH28D14NP-100M CDH28D14NP-150M Stamp 2R2 4R7 100 150 Inductance (H)Within 100kHz/1V 2.220 4.720 1020 1520 D.C.R.() Max.(Typ.) (at 20) 134m(107m) 243m(195m) 491m(393m) 1.14(913m) Saturation Current A1 2.00 1.35 950m 610m Temperature Rise current (A) 2 1.33 950m 650m 380m Description of part name CDH28D14NP-2R2M B Box C Carrier Tape 1.Saturation Current: The DC current at which the inductance decreases to 70% of it's nominal value. 2 Temperature rise current: The DC current at which the temperature rise is t40.(Ta20) This datasheet is not a final issue, and maybe something will be changed before production. Please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 |
Price & Availability of CDH28D14NP-4R7M |